Part Number Hot Search : 
1H101 N5232 AN41101A ST750A DAML6280 1050706 D1FS6 5SF800
Product Description
Full Text Search
 

To Download LD05-3R3M-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ld05 ferrite core chip inductors low resistance l available in tighter tolerances. allied part number inductance ( h) idc (ma) srf min. (mhz) tolerance (%) dcr max. test freq. (mhz) ld05-1r0m-rc 1.0 20 18 7.96 100 0.10 800 ld05-1r5m-rc 1.5 20 18 7.96 90 0.18 650 ld05-2r2m-rc 2.2 20 18 7.96 70 0.24 550 LD05-3R3M-RC 3.3 20 18 7.96 55 0.30 450 ld05-4r7m-rc 4.7 20 18 7.96 50 0.47 360 ld05-6r8m-rc 6.8 20 18 7.96 60 0.75 290 ld05-100m-rc 10 20 18 7.96 25 0.90 290 ld05-150m-rc 15 20 18 7.96 25 1.60 230 ld05-220m-rc 22 20 18 7.96 17 1.95 190 ld05-330m-rc 33 20 18 7.96 15 2.60 120 ld05-470m-rc 47 20 18 7.96 11 3.90 95 ld05-680m-rc 68 20 18 7.96 11 5.50 95 ld05-101m-rc 100 20 18 7.96 9 9.00 70 q typ. rohs allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com all specif icat ions subject t o change wit hout not ice. 30% ( ) dimensions: inches (mm) features ? miniture smd 0805 wire wound ? wide inductance range ? low dc resistance electrical inductance range: tolerance: 20% over entire range also operating temp: -25oc ~ +85oc idc: inductance drop 10% from its value without current. physical packaging: 2000 pieces per 7 inch reel. 1h ~ 100h resistance to soldering heat solder composition: solder temp: 260oc 5oc for 10 sec. pre-heat 150oc, 1 minute. sn/ag3.0/cu0.5 test equipment (l/q): (rdc): chen hwa 502bc (idc): hp4284a + hp42841a / hp4285a + marking: none hp4286a/hp4287a/agilent e4991a available in tighter tolerances (srf): hp8753d / agilent e4991 l/q: test osc @ 200mv hp42841a revised 12/11/08


▲Up To Search▲   

 
Price & Availability of LD05-3R3M-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X